Part Number Hot Search : 
11C90 C16LF N3569 SP7652 102CA FAN3121 04504 SIEMENS
Product Description
Full Text Search
 

To Download 6N135-X007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N135/ 6N136
Vishay Semiconductors
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Features
* * * * * * * * * Isolation Test Voltage: 5300 VRMS TTL Compatible High Bit Rates: 1.0 Mbit/s High Common-Mode Interference Immunity Bandwidth 2.0 MHz Open-Collector Output External Base Wiring Possible Lead-free component Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
NC A C NC
1 2 3 4
8 7 6 5
C (VCC) B (VB) C (VO) E (GND)
i179081
e3
Pb
Pb-free
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1 * CSA 93751
Signals can be transmitted between two electrically separated circuits up to frequencies of 2.0 MHz. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages
Order Information
Part Remarks CTR 7 %, DIP-8 CTR 19 %, DIP-8 CTR 7 %, SMD-8 (option 7) CTR 19 %, DIP-8 400 mil (option 6) CTR 19 %, SMD-8 (option 7) CTR 19 %, SMD-8 (option 9) 6N135 6N136 6N135-X007 6N136-X006 6N136-X007 6N136-X009
Description
The 6N135 and 6N136 are optocouplers with a GaAIAs infrared emitting diode, optically coupled with an integrated photo detector which consists of a photo diode and a high-speed transistor in a DIP-8 plastic package.
For additional information on the available options refer to Option Information.
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltages Forward current Peak forward current Thermal resistance Power dissipation Tamb = 70 C t = 1.0 ms, duty cycle 50 % Maximum surge forward current t 1.0 s, 300 pulses/s Rth Pdiss Test condition Symbol VR IF IFSM Value 5.0 25 50 1.0 700 45 Unit V mA mA A K/W mW
Document Number 83604 Rev. 1.4, 26-Oct-04
www.vishay.com 1
6N135/ 6N136
Vishay Semiconductors Output
Parameter Supply voltage Output voltage Emitter-base voltage Output current Maximum output current Base current Thermal resistance Power dissipation Tamb = 70 C Pdiss IB Test condition Symbol VS VO VEBO IO Value - 0.5 to 15 - 0.5 to 15 5.0 8.0 16 5.0 300 100 Unit V V V mA mA mA K/W mW
Coupler
Parameter Isolation test voltage (between t = 1.0 s emitter and detector climate per DIN 50014 part 2, NOV 74 Pollution degree (DIN VDE 0109) Creepage Clearance Comparative tracking index per DIN IEC112/VDE 0303 part 1, group IIIa per DIN VDE 6110 Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Storage temperature range Ambient temperature range Soldering temperature max. 10 s, dip soldering 0.5 mm from case bottom RIO RIO Tstg Tamb Tsld Test condition Symbol VISO Value 5300 Unit VRMS
2.0 7.0 7.0 175 mm mm
1012 10
11
C C C
- 55 to + 125 - 55 to + 100 260
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Breakdown voltage Reverse current Capacitance Temperature coefficient, forward voltage Test condition IF = 16 mA IR = 10 A VR = 5.0 V VR = 0 V, f = 1.0 MHz IF = 16 mA Symbol VF VBR IR CO VF/TA 5.0 0.5 125 -1.7 10 Min Typ. 1.6 Max 1.9 Unit V V A pF mV/C
www.vishay.com 2
Document Number 83604 Rev. 1.4, 26-Oct-04
6N135/ 6N136
Vishay Semiconductors Output
Parameter Logic low supply current Supply current, logic high Output voltage, output low Test condition IF = 16 mA, VO open, VCC = 15 V IF = 0 mA, VO open, VCC = 15 V IF = 16 mA, VCC = 4.5 V, IO = 1.1 mA IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA Output current, output high IF = 0 mA, VO = VCC = 5.5 V IF = 0 mA, VO = VCC = 15 V 6N135 6N136 Part Symbol ICCL ICCH VOL VOL IOH IOH Min Typ. 150 0.01 0.1 0.1 3.0 0.01 1 0.4 0.4 500 1 Max Unit A A V V nA A
Coupler
Parameter Capacitance (input-output) Test condition f = 1.0 MHz Symbol CIO Min Typ. 0.6 Max Unit pF
Current Transfer Ratio
Parameter Current Transfer Ratio Test condition IF = 16 mA, VO = 0.4 V, VCC = 4.5 V Part 6N135 6N136 IF = 16 mA, VO = 0.5 V, VCC = 4.5 V 6N135 6N136 Symbol CTR CTR CTR CTR Min 7 19 5 15 Typ. 16 35 Max Unit % % % %
Switching Characteristics
Parameter High-low Low-high Test condition IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCC = 5.0 V, RL = 1.9 k Part 6N135 6N136 6N135 6N136 Symbol tPHL tPHL tPLH tPLH Min Typ. 0.3 0.2 0.3 0.2 Max 1.5 0.8 1.5 0.8 Unit s s s s
Common Mode Transient Immunity
Parameter High Low Test condition IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 0 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 4.1 k IF = 16 mA, VCM = 10 VP-P, VCC = 5.0 V, RL = 1.9 k Part 6N135 6N136 6N135 6N136 Symbol | CMH | | CMH | | CML | | CML | Min Typ. 1000 1000 1000 1000 Max Unit V/s V/s V/s V/s
Document Number 83604 Rev. 1.4, 26-Oct-04
www.vishay.com 3
6N135/ 6N136
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
20
IF - LED Current in mA
25 (VCC = 5.0 V)
IF=40mA IF=35mA IF=30mA IF=25mA IF=20mA IF=15mA
15 75C 10 25C 0C 5
Output Current, Io(mA)
20 15 10 5 0
IF=10mA IF=5mA
0 1.3
i6n135_03
1.4
1.5
1.6
1.7
i6n135_06
0
5
VF - LED forward Voltage
10 15 Output Voltage, Vo(V)
20
25
Figure 1. LED Forward Current vs.Forward Voltage
Figure 4. Output Current vs. Output Voltage
30
IF LED Current in ma Output Current, Io(mA)
8 7 6 5 4 3 2 1
@ VO=0.4 V, VCC=5.0
IF = 20mA IF = 16mA IF = 10mA
20
IF = 2mA
10
IF = 1mA
0 0
i6n135_04
20
40
60
80
100
i6n135_07
0 -60 -40 -20 0 20 40 60 Temperature, Ta(C) 80 100
Ambient Temperature in C
Figure 2. Permissible Forward LED Current vs. Temperature
Figure 5. Output Current vs. Temperature
120
tp - Propagation Delay Time - ns Total Power in mW
900 800 700 600 500 400 300 200 100 0 -60
i6n135_08
100 Detector 80 60 40 20 0 0 20 40 60 80 Ambient Temperature in C 100 Emitter
6N136 @ VCC = 5.0 V, IF = 16 mA, RL = 1.9 k
TpLH @ 3V
TpLH @ 1.5V
TpHL @ 1.5V TpHL @ 3V
-40
-20
0 20 40 60 Temperature, Ta(C)
80
100
i6n135_05
Figure 3. Permissible Power Dissipation vs. Temperature
Figure 6. Propagation Delay vs. Ambient Temperature
www.vishay.com 4
Document Number 83604 Rev. 1.4, 26-Oct-04
6N135/ 6N136
Vishay Semiconductors
1400
tp - Propagation Delay Time - ns
0.6
iF/iO / Small Signal Current Transfer Ratio
1200 1000 800 600 400 200 0 -60
6N135 @ VCC = 5.0 V, IF = 16 mA, RL = 4.1 k
(VCC = 5.0 V, RL = 100 )
0.5 0.4 0.3 0.2 0.1 0
TpLH
TpHL
-40
-20
0 20 40 60 Temperature, Ta (C)
80
100
i6n135_11
0
5
10 IF / mA
15
20
25
i6n135_09
Figure 7. Propagation Delay vs. Ambient Temperature
Figure 9. Small Signal Current Transfer Ratio vs. Quiescent Input Current
100
IOH - Collector Current, IC (nA)
10 1 0.1 0.01 VCC=VO=15 V VCC=VO=5 V
0.001 -60
i6n135_10
-40
-20
0 20 40 60 Temperature, TA (C)
80
100
Figure 8. Logic High Output Current vs.Temperature
Pulse generator ZO=50 tr,tf=5 ns duty cycle 10% t100 s
1 IF 2
IF Monitor
IF
t
8 7 6 5
RL
5V
VO
5V 1.5 V t
3
100 i
VO CL 15 pF
VOL tPHL
4
tPLH
i6n135_01
Figure 10. Switching Times
Document Number 83604 Rev. 1.4, 26-Oct-04
www.vishay.com 5
6N135/ 6N136
Vishay Semiconductors
VCM 10 V IF 1 2 3 4 8 7 6 5 RL VO VO 5V A: IF=0 mA +VCM 5V 0V 10% tr tf 90% t 90% 10%
A B VFF
Pulse generator ZO=50 tr,tf=8 ns
VO
t
VOL
B: IF=16 mA t
i6n135_02
Figure 11. Common-Mode Interference Immunity
Package Dimensions in Inches (mm)
pin one ID 4 .255 (6.48) .268 (6.81) 5 6 7 8
ISO Method A
3
2
1
.379 (9.63) .390 (9.91) .030 (0.76) .045 (1.14) 4 typ. .031 (0.79) .130 (3.30) .150 (3.81) .050 (1.27) .018 (.46) .022 (.56)
i178006
.300 (7.62) typ.
10 .020 (.51 ) .035 (.89 ) .100 (2.54) typ. 3-9 .008 (.20) .012 (.30)
.230(5.84) .110 (2.79) .250(6.35) .130 (3.30)
www.vishay.com 6
Document Number 83604 Rev. 1.4, 26-Oct-04
6N135/ 6N136
Vishay Semiconductors
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
Document Number 83604 Rev. 1.4, 26-Oct-04
www.vishay.com 7
6N135/ 6N136
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83604 Rev. 1.4, 26-Oct-04


▲Up To Search▲   

 
Price & Availability of 6N135-X007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X